Part Number Hot Search : 
KBPC2501 LTC1415C NTR4502P 74AC10SC MCZ3397 25RFL39 TT2218LS APX9131A
Product Description
Full Text Search
 

To Download CDEP104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDEP104
By using the square wire, power inductors can be used for large currents with low profile and low resistance.
CDEP104
10.4MAX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONNECTION
CONSTRUCTION
4.5MAX. 2.6
2.9
3.8 1.4 2.0 2.5 8.5
2 3 1
10.4M AX.
5.5
( 0.22H - 4.3H )
CDEP104 (Low D.C.R Type) Parts No. L (H) D.C.R.() : Max.(Typ.) Saturation Rated Current (A) *E 20c 100c 24.2 16.2 12.2 9.8 8.1 7.0 20.8 14.0 10.5 8.6 7.0 6.0 Temperature Rise Current (Typ.)(A) *IV D.C.R.() : Max.(Typ.) 2.2m( 1.8m) 2.2m( 1.8m) 3.7m( 3.1m) 5.9m( 4.9m) 11.8m( 9.8m) 18.6m(15.5m) 21.8m(18.2m) 18.0 3.7m( 3.1m) 13.4 10.2 18.6m(15.5m) 7.3 21.8m(18.2m) 5.4 5.0
Ordering Code / CDEP104 : Parts No. -
2.6
3.8 2.9 11.0
BOTTOM VIEW /
CDEP104 (Standard Type) Saturation Rated Current (A) *E 20c 100c 39.6 27.6 20.7 16.6 13.3 11.8 31.6 22.1 16.6 13.3 10.7 9.5 Temperature Rise Current (Typ.) (A) *IV 18.0 13.4 10.2 7.3 5.4 5.0
0R2 0R3 0R4 0R8 1R3 1R4 1R8 2R2 2R5 3R2 4R3
0.22 0.36 0.45 0.8 1.3 1.4 1.8 2.2 2.5 3.2 4.3
5.9m( 4.9m) 11.8m( 9.8m)
Measuring Freq. (L) / L CDEP104(L) CDEP104(S) 100kHz 100kHz
: Tolerance of inductance M (20%) N (30%)
: Packing C (Carrier tape) B (Box)
:
88 (Low D.C.R. type) 50 (Standard type)
Tolerance of Inductance / CDEP104(L) CDEP104(S) 0.36 H 30% (N), 0.8 H - 4.3 H 20% (M) 0.22 H 30% (N), 0.45 H - 2.5 H 20% (M)
Other / *E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance 30%) lower than its nominal value or becomes 25% (tolerance 20%) lower than its nominal value.(Ta=20 C) *E : 65%(30%75%20% (Ta=20) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes C) T=40 C. (Ta=20 *IV :T=40 (Ta=20)
About Lead-free products /
. Lead-free products are now available for sale . To order a lead-free product, please add"NP" after the product type: . . "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDEP104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X